PART |
Description |
Maker |
IPP05N03L IPB05N03L |
80 A, 30 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB OptiMOS Buck converter series ?OptiMOSPowerMOSFET.30V.TO-220.RDSon=5.2mOhm.80A.LL?
OptiMOS Power MOSFET, 30V, TO-220, RDSon = 5.2mOhm, 80A, LL OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 5.2mOhm, 80A, LL
|
INFINEON[Infineon Technologies AG]
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFIZ48N IRFIZ48 IRFIZ48NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
|
IRF[International Rectifier]
|
IRF9Z24N IRF9Z24NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
|
IRF[International Rectifier]
|
IRFIZ46N |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V Rds(on)=0.020ohm Id=33A) Power MOSFET(Vdss=55V, Rds(on)=0.020ohm, Id=33A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.020ohm,身份证\u003d 33A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI1010N IRFI1010 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A) Power MOSFET(Vdss=55V Rds(on)=0.012ohm Id=49A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.012ohm/ Id=49A)
|
IRF[International Rectifier]
|
IRF1010N IRF1010NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=55V/ Rds(on)=11mohm/ Id=85A) Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A?
|
International Rectifier
|
IRF5NJ5305 IRF5NJ5305SCX |
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 22 A, 55 V, 0.065 ohm, P-CHANNEL, Si, POWER, MOSFET POWER MOSFET P-CHANNEL(Vdss=-55V/ Rds(on)=0.065ohm/ Id=-22A*) SURFACE MOUNT (SMD-0.5) 55V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-22A*) -55V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
HUFA75329S3S HUFA75329G3 HUFA75329P3 HUFA75329S3ST |
Discrete Automotive N-Channel UltraFET Power MOSFET, 55V, 49A, 0.024 Ohms @ VGS = 10V TO-263/D2PAK Package 49A, 55V, 0.024 Ohm, N-Channel UltraFET Power MOSFETs 49A 55V 0.024 Ohm N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
BUZ32 BUZ32SMD |
Low Voltage MOSFETs - Power MOSFET, 200V, DPAK, RDSon=0.4 Ohm, 9.5A, NL Low Voltage MOSFETs - Power MOSFET, 200V, TO-220, RDSon=0.4 Ohm, 9.5A, NL SIPMOS Power Transistor
|
INFINEON[Infineon Technologies AG]
|
HUF75332G305 HUF75332S3S HUF75332G3 HUF75332P3 HUF |
55V N-Channel UltraFET Power MOSFET 60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|